|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Electrical / Environmental High Current Low Profile Surface Mount Inductors HS Rompliant Co * Operating Temperature Range * Ambient Temperature, Maximum * Insulation System -40C to +130C 80C Class F, 155C Specifications / Packaging Inductance (1) Nominal Rated DC Current(2) H (Amps) 20% 25C 1 30C 1.0 1.8 2.8 3.9 4.0 5.6 6.0 7.2 1.5 2.5 6.0 8.2 10.0 1.0 1.2 1.8 2.5 0.5 0.8 2.5 20.0 15.3 12.3 10.5 10.3 8.8 8.0 7.8 14.0 10.0 6.7 5.8 5.0 20.0 18.0 16.0 10.0 32.0 20.0 12.0 13.5 11.5 10.5 8.3 8.0 7.5 6.5 6.0 10.5 8.0 4.5 4.5 4.0 20.0 18.0 16.0 10.0 24.0 16.0 10.0 Part Number HM65-H1R0LF HM65-H1R8LF HM65-H2R8LF HM65-H3R9LF HM65-H4R0LF HM65-H5R6LF HM65-H6R0LF HM65-H7R2LF HM65-1R5LF HM65-2R5LF HM65-6R0LF HM65-8R2LF HM65-100LF HM65-P1R0LF HM65-P1R2LF HM65-P1R8LF HM65-P2R5LF HM65-M0R5LF HM65-M0R8LF HM65-M2R5LF Notes: (1) (2) (3) (4) Heating Current(3) (Amps) 19.9 15.2 12.1 11.4 11.4 8.1 8.1 7.8 17.1 15.2 11.5 8.1 7.8 19.9 19.9 15.2 15.2 16.3 16.3 9.3 DC Resistance(4) m m Typ. Max. 1.7 2.9 4.6 5.2 5.2 10.2 10.2 11.4 2.3 2.9 5.1 10.2 11.3 1.7 1.7 2.9 2.9 1.8 1.8 5.5 2.5 3.4 5.4 8.0 8.0 11.4 11.4 13.5 2.5 3.4 8.0 11.4 13.5 2.5 2.5 3.4 3.4 2.2 2.2 6.0 Case Size Standard Standard Standard Standard Standard Standard Standard Standard Standard Standard Standard Standard Standard Standard Standard Standard Standard Mini Mini Mini Ht Height mm Max. 5.6 5.6 5.6 5.6 5.6 5.6 5.6 6.0 5.6 5.6 5.6 5.6 5.6 6.0 6.0 6.0 6.0 5.6 5.6 5.6 13" Reel Qty (Units) 400 400 400 400 400 400 400 400 400 400 400 400 400 400 400 400 400 500 500 500 Inductance is measured at 100kHz, 0.1V without DC current. Rated DC current is the approximate current at which inductance will be decreased by 25% from its initial (zero DC) value. Heating current is the DC current which causes the inductor temperature to increase by approximately 40C. DC resistance is measured at 25C. Outline Dimensions (mm) Top View Side View Bottom View Recommended Solder Pad Layout C BI HM65 - XXXXLF YYWW MALAYSIA DUMMY TERMINAL I P J L A MAX D1 H D 2 3 E B MAX Refer to Specifications Table F G M K N 46 MAGNETIC COMPONENTS SELECTOR GUIDE 2007/08 EDITION We reserve the right to change specifications without prior notice. www.bitechnologies.com Electrical Characteristics @ 25C Ordering Information HM65 Model Series Type: H = High Current P = Premium Core Material M = Mini-Package H 1R0 LF TR13 TR - Tape & Reel Packing 13 - 13" reel Lead-Free Inductance Code: First 2 digits are significant. Last digit denotes the number of trailing zeros. For values below 10H, "R" denotes the decimal point 2007/08 EDITION MAGNETIC COMPONENTS SELECTOR GUIDE www.bitechnologies.com We reserve the right to change specifications without prior notice 47 |
Price & Availability of HM65-H7R2LF |